Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86PC1TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # M48T86PC1TR
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M48T86PC1TR Datasheet HTML 28Page - STMicroelectronics M48T86PC1TR Datasheet HTML 29Page - STMicroelectronics M48T86PC1TR Datasheet HTML 30Page - STMicroelectronics M48T86PC1TR Datasheet HTML 31Page - STMicroelectronics M48T86PC1TR Datasheet HTML 32Page - STMicroelectronics M48T86PC1TR Datasheet HTML 33Page - STMicroelectronics M48T86PC1TR Datasheet HTML 34Page - STMicroelectronics M48T86PC1TR Datasheet HTML 35Page - STMicroelectronics M48T86PC1TR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
M48T86
Part numbering
33/36
Part numbering
Table 19.
Ordering information scheme
Warning:
Do not place the SNAPHAT battery package “M4TXX-
BR12SH” in conductive foam as it will drain the lithium
button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example:
M48T
86
MH
1
E
Device Type
M48T
Supply Voltage and Write Protect Voltage
86 = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
Package
PC = PCDIP24
MH(1) = SOH28
1.
The SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered separately under the part number “M4T28-
BR12SH” in plastic tube or “M4T28-BR12SHTR” in Tape & Reel form (see Table 20).
Temperature Range
1 = 0 to 70°C
Shipping Method
For SOH28:
blank = Tubes (Not for New Design - Use E)
E = Lead-free Package (ECO PACK®), Tubes
F = Lead-free Package (ECO PACK®), Tape & Reel
TR = Tape & Reel (Not for New Design - Use F)
For PCDIP28:
blank = Tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com