Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C4512 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C4512
Description  PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4512 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C4512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI6C4512
PLL Clock Multiplier
3
PS8763B
03/30/06
DC Electrical Characteristics (VCC = 3.3V ± 10% and 5.0V ± 10%, TA= 0°C to +70°C, unless otherwise noted)
Symbol Description
Test Condition
Pin
Min.
Typ.
Max.
Units
VCC
Supply voltage
VCC
3
5.5
V
ICC
Supply current
No load, 20MHz crystal
VCC
`
12
30
mA
VIH
Input logic HIGH
ICLK
(VCC/2) +1
VCC/2
V
VIL
Input logic LOW
ICLK
VCC/2
(VCC/2)-1
V
VIH
Input logic HIGH
S0, S1
VCC-0.5
V
VIM
Input mid-level
S0, S1
VCC/2
V
VIL
Input logic LOW
S0, S1
0.5
V
VOH
High-level output voltage IOH = -12mA
CLK, REF
2.4
V
VOL
Low-level output voltage IOL = +12mA
CLK, REF
0.4
V
IS
Short circuit current
CLK
±70
mA
AC Electrical Characteristics (VCC = 3.3V ±10% and 5.0V ± 10%, TA= 0°C to +70°C, unless noted)
Symbol Parameter
Test Condition
Pin
Min.
Typ.
Max.
Unit
FIN
Input Frequency
Crystal
ICLK
5
30
MHz
Clock
ICLK
4
50
MHz
FOUT
Output frequency(1)
VCC: 4.5V to 5.5V
CLK
20
200
MHz
VCC: 3.0V to 3.6V
CLK
20
180
MHz
TR
Output clock rise time
0.8V to 2.0V,
CL = 15pF load
CLK
1
ns
TF
Output clock fall time
2.0V to 0.8V,
CL = 15pF load
CLK
1
ns
TDC
Output clock duty-cycle
At VCC/2, f ≤ 150MHz
CLK
45
50
55
%
At VCC/2, f > 150MHz
CLK
40
50
60
BW
PLL bandwidth
f ≤ 150MHz
CLK
10
kHz
TPJ
Period Jitter
100MHz to 200MHz
CLK
100
250
ps
Notes:
1.
The phase relationship between input and output clocks can change at power up.
Recommended Crystal Specifications
Parameter
Value
Units
Mode of Oscillation
Fundamental
AT
Frequency
5 - 30
MHz
Frequency Tolerance
±50
PPM
Temperature and Aging Stability
±50
PPM
CO/CI Ratio
240
Load Cap
18
pF
Equivalent Series Resistance
30
Ω
Recommended Crystal
Pericom recommends the Pericom 49S SMD series crystal,
which is a low cost, low profile SMD crystal packaged in a
HC-49/u short SMD package.
06-0034



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com