Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC113 Datasheet(PDF) 3 Page - Picker Components

Part # PC113
Description  PC113
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC113 Datasheet(HTML) 3 Page - Picker Components

  PC113 Datasheet HTML 1Page - Picker Components PC113 Datasheet HTML 2Page - Picker Components PC113 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC113
PC113
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 3
Tolerances + .010 unless otherwise noted
Notes:
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
(21.5)
.846
(35.0)
1.38
(6.5)
.256
(21.5)
.846
(35.0)
1.38
(6.5)
.256
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(43.0)
1.693
(38.0)
1.496
(28.0)
1.102
(41.0)
1.62
(28.0)
1.102
(3.5)
.138 Typ.
(31.5)
1.24
(21.5)
.846
(7.15)
.281
(6.0)
.236
(4.6)
.181
(10)
.39
(14.2)
.56
(10)
.39
(10)
.39
(10)
.39
(10)
.39
(10)
.39
Wiring Diagram 1 Pole
1
2
3
4
5
6
7
8
Wiring Diagram 2 Pole
1
2
3
4
5
6
7
8
Wiring Diagram 3 Pole
1
3
4
6
7
9
10
11
2
5
8
Wiring Diagram 4 Pole
1
3
5
7
9
11
13
14
2
6
10
4
8
12
(4.75)
.187



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com