Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842A-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3842A-S08-R
Description  CURRENT MODE PWM CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842A-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3842A-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842A-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-002,D
OPEN-LOOP LABORATORY TEST FIXTURE
1
2
8
7
3
6
4
5
A
VREF
Vcc
1k
Ω
/ 1W
CT
RT
5k
Ω
Error
Amp
Adjust
OUTPUT
High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in single point GND. The transistor and 5k
Ω potentio-meter are used
to sample the oscillator waveform and apply an adjustable Ramp to Pin 3.
UNDER-VOLTAGE LOCKOUT
7
Vcc
Von=16V
Voff=10V
ON/OFF Command
to rest of IC
Von
Voff
<1mA
<15mA
Icc
Vcc
During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin 6 should be shunt to
GND with a bleeder resistor to prevent activating the power switch with output leakage currents.
ERROR AMPLIFIER CONFIGURATION
2
1
0.5mA
2.5V
Zf
Zi
Error amplifier can source or sink up to 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com