Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX712CPE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX712CPE Datasheet HTML 1Page - Maxim Integrated Products MAX712CPE Datasheet HTML 2Page - Maxim Integrated Products MAX712CPE Datasheet HTML 3Page - Maxim Integrated Products MAX712CPE Datasheet HTML 4Page - Maxim Integrated Products MAX712CPE Datasheet HTML 5Page - Maxim Integrated Products MAX712CPE Datasheet HTML 6Page - Maxim Integrated Products MAX712CPE Datasheet HTML 7Page - Maxim Integrated Products MAX712CPE Datasheet HTML 8Page - Maxim Integrated Products MAX712CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(IV+ = 10mA, TA = TMIN to TMAX, unless otherwise noted. Refer to the Typical Operating Circuit. All measurements are with respect to
BATT-, not GND.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to BATT- .................................................................-0.3V, +7V
BATT- to GND ........................................................................±1V
BATT+ to BATT-
Power Not Applied............................................................±20V
With Power Applied ................................The higher of ±20V or
±2V x (programmed cells)
DRV to GND ..............................................................-0.3V, +20V
FASTCHG to BATT- ...................................................-0.3V, +12V
All Other Pins to GND......................................-0.3V, (V+ + 0.3V)
V+ Current.........................................................................100mA
DRV Current. .....................................................................100mA
REF Current.........................................................................10mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C............842mW
Narrow SO (derate 8.70mW/°C above +70°C .............696mW
CERDIP (derate 10.00mW/°C above +70°C ................800mW
Operating Temperature Ranges
MAX71_C_E .......................................................0°C to +70°C
MAX71_E_E .................................................... -40°C to +85°C
MAX71_MJE ................................................. -55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
VDRV = 10V
V+ = 0V, BATT+ = 17V
PGM3 = BATT-
5mA < IV+ < 20mA
PGM3 = REF
PGM3 = open
PGM3 = V+
0V < TEMP < 2V, TEMP voltage rising
VLIMIT = V+
Per cell
PGM0 = PGM1 = BATT-, BATT+ = 30V
1.2V < VLIMIT < 2.5V, 5mA < IDRV < 20mA,
PGM0 = PGM1 = V+
0mA < IREF < 1mA
CONDITIONS
mA
30
DRV Sink Current
%
-1.5
1.5
Battery-Voltage to Cell-Voltage
Divider Accuracy
%
-15
15
Timer Accuracy
mV
26.0
31.3
38.0
Trickle-Charge VSENSE
12.0
15.6
20.0
4.5
7.8
12.0
1.5
3.9
7.0
mV
225
250
275
Fast-Charge VSENSE
V
1.6
1.65
1.7
Internal Cell Voltage Limit
mV
-30
30
VLIMIT Accuracy
µA
-1
1
THI, TLO, TEMP, VLIMIT Input Bias Current
µA
5
BATT+ Leakage
mA
5
IV+ (Note 1)
V
4.5
5.5
V+ Voltage
mV
-10
10
THI, TLO Offset Voltage (Note 2)
V
02
THI, TLO, TEMP Input Range
V
1.25
2.50
External VLIMIT Input Range
V
0.35
0.50
Undervoltage Lockout
k
Ω
30
BATT+ Resistance with Power On
µF
0.5
C1 Capacitance
nF
5
C2 Capacitance
V
1.96
2.04
REF Voltage
UNITS
MIN
TYP
MAX
PARAMETER
MAX712
MAX713
mV/tA
per cell
0
Voltage-Slope Sensitivity (Note 3)
-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com