Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD55NH2LL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD55NH2LL
Description  N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55NH2LL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD55NH2LL Datasheet HTML 6Page - STMicroelectronics STD55NH2LL Datasheet HTML 7Page - STMicroelectronics STD55NH2LL Datasheet HTML 8Page - STMicroelectronics STD55NH2LL Datasheet HTML 9Page - STMicroelectronics STD55NH2LL Datasheet HTML 10Page - STMicroelectronics STD55NH2LL Datasheet HTML 11Page - STMicroelectronics STD55NH2LL Datasheet HTML 12Page - STMicroelectronics STD55NH2LL Datasheet HTML 13Page - STMicroelectronics STD55NH2LL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Appendix A
STD55NH2LL - STD55NH2LL-1
10/16
Table 6.
Power losses calculation
High side switching (SW1)
Low side switch (SW2)
Pconduction
Pswitching
Zero Voltage Switching
Pdiode
Recovery
(1)
1.
Dissipated by SW1 during turn-on
Not applicable
Conductio
n
Not applicable
Pgate(QG)
PQoss
Table 7.
Paramiters meaning
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate drive losses
PQoss
Output capacitance losses
δ
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
δ
−
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
f
*
Q
*
V
rr(SW2)
in
f
*
t
*
I
*
V
deadtime
L
f(SW2)
f
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com