Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD55NH2LLT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD55NH2LLT4
Description  N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55NH2LLT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD55NH2LLT4 Datasheet HTML 1Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 2Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 3Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 4Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 5Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 6Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 7Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 8Page - STMicroelectronics STD55NH2LLT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 5
1/16
16
STD55NH2LL
STD55NH2LL-1
N-channel 24V - 0.010
Ω - 40A - DPAK/IPAK
Ultra low gate charge STripFET™ Power MOSFET
General features
RDS(ON) * Qg industry’s benchmark
Conduction losses reduced
Switching losses reduced
Low threshold device
Description
The STD55NH2LL is based on the latest
generation of ST's proprietary STripFET™
technology. An innovative layout enables the
device to also exhibit extremely low gate charge
for the most demanding requirements as high-
side switch in high-frequency DC-DC converters.
It's therefore ideal for high-density converters in
Telecom and Computer applications.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD55NH2LL-1
24V
<0.011
40A(1)
1.
Value limited by wire bonding
STD55NH2LL
24V
<0.011
40A(1)
DPAK
3
2
1
1
3
iPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD55NH2LL-1
D55NH2LL
IPAK
Tube
STD55NH2LLT4
D55NH2LL
DPAK
Tape & reel


Similar Part No. - STD55NH2LLT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD55NH2LLT4 STMICROELECTRONICS-STD55NH2LLT4 Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
More results

Similar Description - STD55NH2LLT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
319Kb / 11P
N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
10-Sep-2004
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
03-Aug-2006
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
11-Jul-2006
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
February 2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
09-Aug-2006
STP60NH2LL STMICROELECTRONICS-STP60NH2LL Datasheet
293Kb / 14P
N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
31-Jan-2007
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
N-channel 24V - 0.0039Ω - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
02-Aug-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com