Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5330-2.6/1.85YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5330-2.6/1.85YML
Description  Dual, 300mA UCap LDO in 2mm x 2mm MLF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-2.6/1.85YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5330-2.6/1.85YML Datasheet HTML 1Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-2.6/1.85YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC5330
August 2006
3
M9999-080306
Ordering Information
Part number
Manufacturing
Part Number
Voltage
Junction
Temperature Range
Package
MIC5330-1.8/1.5YML
MIC5330-GFYML
1.8V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-1.8/1.6YML
MIC5330-GWYML
1.8V/1.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.5/1.8YML
MIC5330-JGYML
2.5V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.5/2.5YML
MIC5330-JJYML
2.5V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.6/1.85YML
MIC5330-KDYML
2.6V/1.85
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.6/1.8YML
MIC5330-KGYML
2.6V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.7/2.7YML
MIC5330-LLYML
2.7V/2.7V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.8/1.5YML
MIC5330-MFYML
2.8V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.8/1.8YML
MIC5330-MGYML
2.8V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.8/2.6YML
MIC5330-MKYML
2.8V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.8/2.8YML
MIC5330-MMYML
2.8V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.8/2.85YML
MIC5330-MNYML
2.8V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.85/1.85YML
MIC5330-NDYML
2.85V/1.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.85/2.6YML
MIC5330-NKYML
2.85V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.85/2.85YML
MIC5330-NNYML
2.85V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.9/1.5YML
MIC5330-OFYML
2.9V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.9/1.8YML
MIC5330-OGYML
2.9V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-2.9/2.9YML
MIC5330-OOYML
2.9V/2.9V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/1.8YML
MIC5330-PGYML
3.0V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/2.5YML
MIC5330-PJYML
3.0V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/2.6YML
MIC5330-PKYML
3.0V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/2.8YML
MIC5330-PMYML
3.0V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/2.85YML
MIC5330-PNYML
3.0V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.0/3.0YML
MIC5330-PPYML
3.0V/3.0V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/1.5YML
MIC5330-SFYML
3.3V/1.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/1.8YML
MIC5330-SGYML
3.3V/1.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.5YML
MIC5330-SJYML
3.3V/2.5V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.6YML
MIC5330-SKYML
3.3V/2.6V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.7YML
MIC5330-SLYML
3.3V/2.7V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.8YML
MIC5330-SMYML
3.3V/2.8V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.85YML
MIC5330-SNYML
3.3V/2.85V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/2.9YML
MIC5330-SOYML
3.3V/2.9V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/3.0YML
MIC5330-SPYML
3.3V/3.0V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/3.2YML
MIC5330-SRYML
3.3V/3.2V
–40°C to +125°C
8-Pin 2x2 MLF
®
MIC5330-3.3/3.3YML
MIC5330-SSYML
3.3V/3.3V
–40°C to +125°C
8-Pin 2x2 MLF
®
Other voltage options available. Contact Micrel for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com