Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565AVZ80R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ80R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ80R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ80R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
3.11
H7Fa Flash Memory Electrical Characteristics
7
DNL: 6 MHz ADC Clock
DNL6
–3 4
3 4
Counts
8
DNL: 12 MHz ADC Clock
DNL12
–6 4
64
Counts
9
Offset Error with Calibration
OFFWC
–4 5
4 5
Counts
10
Full Scale Gain Error with Calibration
GAINWC
–8 6
8 6
Counts
11
Disruptive Input Injection Current 7, 8, 9, 10
IINJ
–1
1
mA
12
Incremental Error due to injection current. All channels have
same 10k
Ω < Rs <100kΩ
Channel under test has Rs=10k
Ω,
IINJ=IINJMAX,IINJMIN
EINJ
–4
4
Counts
13
Total Unadjusted Error for single ended conversions with
calibration11, 12, 13, 14, 15
TUE
–4
4
Counts
1 Conversion characteristics vary with F
ADCLK rate. Reduced conversion accuracy occurs at maximum FADCLK rate. The
maximum value is based on 800KS/s and the minimum value is based on 20MHz oscillator clock frequency divided by a
maximum 16 factor.
2 Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to the time that
the ADC is ready to perform conversions.
3 At VRH – VRL = 5.12 V, one lsb = 1.25 mV = one count
4 Guaranteed 10-bit monotonicity
5 The absolute value of the offset error without calibration
≤ 100 counts.
6 The absolute value of the full scale gain error without calibration
≤ 120 counts.
7 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog inputs greater than
VRH and 0x000 for values less than VRL. This assumes that VRH ≤ VDDA and VRL ≥ VSSA due to the presence of the sample
amplifier. Other channels are not affected by non-disruptive conditions.
8 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit do
not affect device reliability or cause permanent damage.
9 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP = VDDA + 0.5V and VNEGCLAMP = – 0.3 V, then use the larger of the calculated values.
10 Condition applies to two adjacent pads on the internal pad.
11 The TUE specification will always be better than the sum of the INL, DNL, offset, and gain errors due to canceling errors.
12 TUE does not apply to differential conversions.
13 Measured at 6 MHz ADC clock. TUE with a 12 MHz ADC clock is: –16 counts < TUE < 16 counts.
14 TUE includes all internal device error such as internal reference variation (75% Ref, 25% Ref)
15 Depending on the customer input impedance, the Analog Input Leakage current (DC Electrical specification 35a) may affect
the actual TUE measured on analog channels AN12, AN13, AN14, AN15.
Table 14. Flash Program and Erase Specifications1
Num
Characteristic
Symbol
Min
Typ
Initial
Max2
Max3
Unit
3
Double Word (64 bits) Program Time4
Tdwprogram
—10
—
500
µs
4
Page Program Time4
Tpprogram
—22
445
500
µs
7
16 Kbyte Block Pre-program and Erase Time
T16kpperase
—
265
400
5000
ms
9
48 Kbyte Block Pre-program and Erase Time
T48kpperase
—
340
400
5000
ms
Table 13. eQADC Conversion Specifications (Operating) (continued)
Num
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com