Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565AVZ112R2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ112R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ112R2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ112R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5565AVZ112R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
Figure 18. DSPI Classic SPI Timing — Master, CPHA = 0
11
Data Valid (after SCK edge)
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA=0)
Master (MTFE = 1, CPHA=1)
tSUO
—
—
—
—
5
25
18
5
—
—
—
—
5
25
14
5
—
—
—
—
5
25
13
5
ns
ns
ns
ns
12
Data Hold Time for Outputs
Master (MTFE = 0)
Slave
Master (MTFE = 1, CPHA = 0)
Master (MTFE = 1, CPHA = 1)
tHO
–5
5.5
8
–5
—
—
—
—
–5
5.5
4
–5
—
—
—
—
–5
5.5
3
–5
—
—
—
—
ns
ns
ns
ns
1 DSPI timing specified at VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V, T
A = TL to TH,
and CL = 50pF with SRC = 0b11.
2 The minimum SCK Cycle Time restricts the baud rate selection for given system clock rate. These numbers are calculated
based on two MPC55xx devices communicating over a DSPI link.
3 The actual minimum SCK Cycle Time is limited by pad performance.
4 The maximum value is programmable in DSPI_CTARx[PSSCK] and DSPI_CTARx[CSSCK]
5 The maximum value is programmable in DSPI_CTARx[PASC] and DSPI_CTARx[ASC]
6 This number is calculated assuming the SMPL_PT bit field in DSPI_MCR is set to 0b10.
Table 26. DSPI Timing1 (continued)
Num
Characteristic
Symbol
80 MHz
112 MHz
132 MHz
Unit
Min
Max
Min
Max
Min
Max
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com