Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N724 Datasheet(PDF) 4 Page - STMicroelectronics

Part # N724
Description  NPN medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N724 Datasheet(HTML) 4 Page - STMicroelectronics

  N724 Datasheet HTML 1Page - STMicroelectronics N724 Datasheet HTML 2Page - STMicroelectronics N724 Datasheet HTML 3Page - STMicroelectronics N724 Datasheet HTML 4Page - STMicroelectronics N724 Datasheet HTML 5Page - STMicroelectronics N724 Datasheet HTML 6Page - STMicroelectronics N724 Datasheet HTML 7Page - STMicroelectronics N724 Datasheet HTML 8Page - STMicroelectronics N724 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STF724 STN724
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 60V
10
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = 30V
100
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
10
µA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100µA
60
V
V(BR)CEO(1)
1.
Pulsed duration = 300
µs, duty cycle ≤1.5%
Collector-emitter
breakdown voltage (IB = 0)
IC = 10mA
30
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100µA
5V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 1A
IB = 50mA
IC = 2A
IB = 100mA
IC = 3A
IB = 150mA
0.4
0.7
1.1
V
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 2A
IB = 100mA
1.2
V
hFE
DC current gain
IC = 100mA
VCE = 2V
IC = 1A
VCE = 2V
IC = 3A
VCE = 2V
100
80
30
300
fT
Transition frequency
VCE = 10V
IC = 0.1A
100
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com