Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3NB60SDT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGD3NB60SDT4
Description  N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60SDT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STGD3NB60SDT4 Datasheet HTML 1Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 2Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 3Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 4Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 5Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 6Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 7Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 8Page - STMicroelectronics STGD3NB60SDT4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STGD3NB60SD
2/9
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at TC =25°C
6A
IC
Collector Current (continuous) at TC = 100°C
3A
ICM ( )
Collector Current (pulsed)
25
A
PTOT
Total Dissipation at TC =25°C
48
W
Derating Factor
0.32
W/°C
Tstg
Storage Temperature
– 65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
Rthj-case
Thermal Resistance Junction-case Max
3.125
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collectro-Emitter Breakdown
Voltage
IC = 250 µA, VGE = 0
600
V
ICES
Collector cut-off
(VGE =0)
VCE =Max Rating,TC =25 °C
10
µA
VCE =Max Rating,TC = 125 °C
100
µA
IGES
Gate-Emitter Leakage
Current (VCE =0)
VGE =±20V,VCE =0
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE =VGE,IC = 250µA
2.5
4.5
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE =15V, IC =1.5 A
VGE =15V, IC =3 A
VGE =15V,IC =7 A, TJ =125 °C
1
1.2
1.1
1.5
V
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =10V , IC =3 A
1.7
2.5
S
Cies
Input Capacitance
VCE = 25V,f= 1MHz,VGE =0
255
pF
Coes
Output Capacitance
30
pF
Cres
Reverse Transfer
Capacitance
5.6
pF
QG
QGE
QGC
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE =480 V, IC =3A,
VGE =15V
18
5.4
5.5
23
nC
nC
nC
ICL
Latching Current
Vclamp = 380 V , Tj = 25°C
RG =1KΩ
15
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com