Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD6NC60HT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD6NC60HT4
Description  N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD6NC60HT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STGD6NC60HT4 Datasheet HTML 1Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 2Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 3Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 4Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 5Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 6Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 7Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 8Page - STMicroelectronics STGD6NC60HT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2007
Rev 3
1/14
14
STGD6NC60H
N-channel 600V - 7A - DPAK
Very fast PowerMESH™ IGBT
General features
Low on voltage drop (Vcesat)
Low CRES / CIES ratio (no cross-conduction
susceptibility)
High frequency operation
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “H” identifies a family
optimized for high frequency application in order
to achieve very high switching performances
(reduced tfall) manta in ing a low voltage drop.
Applications
High frequency inverters
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Internal schematic diagram
Type
VCES
VCE(sat)Max
@25°C
IC
@100°C
STGD6NC60H
600V
<2.5V
7A
1
3
DPAK
www.st.com
Order code
Part number
Marking
Package
Packaging
STGD6NC60HT4
GD6NC60H
DPAK
Tape & reel


Similar Part No. - STGD6NC60HT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60H-1 STMICROELECTRONICS-STGD6NC60H-1 Datasheet
376Kb / 13P
N-channel 600 V, 7 A - IPAK Very fast PowerMESH™ IGBT
08-Apr-2014
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
14-Jun-2005
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
224Kb / 9P
N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
14-Jun-2005
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
More results

Similar Description - STGD6NC60HT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
Jun-1999
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
14-Jun-2005
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
27-Jul-2006
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
May-2004
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
02-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com