Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF7NB60SL Datasheet(PDF) 1 Page - STMicroelectronics

Part # GF7NB60SL
Description  N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF7NB60SL Datasheet(HTML) 1 Page - STMicroelectronics

  GF7NB60SL Datasheet HTML 1Page - STMicroelectronics GF7NB60SL Datasheet HTML 2Page - STMicroelectronics GF7NB60SL Datasheet HTML 3Page - STMicroelectronics GF7NB60SL Datasheet HTML 4Page - STMicroelectronics GF7NB60SL Datasheet HTML 5Page - STMicroelectronics GF7NB60SL Datasheet HTML 6Page - STMicroelectronics GF7NB60SL Datasheet HTML 7Page - STMicroelectronics GF7NB60SL Datasheet HTML 8Page - STMicroelectronics GF7NB60SL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2004
STGF7NB60SL
N-CHANNEL 7A - 600V - TO-220FP
PowerMESH™ IGBT
Table 1: General Features
s
POLYSILICON GATE VOLTAGE DRIVEN
s
LOW THRESHOLD VOLTAGE
s
LOW ON-VOLTAGE DROP
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the Pow-
erMESH™ IGBTs, with outstanding performances.
The suffix “S” identifies a family optimized achieve
minimum on-voltage drop for low frequency appli-
cations (<1kHz).
APPLICATIONS
s
LIGHT DIMMER
s
STATIC RELAYS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGF7NB60SL
600 V
< 1.6 V
7 A
1
2
3
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGF7NB60SL
GF7NB60SL
TO-220FP
TUBE
Rev.3


Similar Part No. - GF7NB60SL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GF7NC60HD STMICROELECTRONICS-GF7NC60HD Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results

Similar Description - GF7NB60SL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
04-Jun-2004
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Sep-2003
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
27-Jul-2006
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
05-Jan-2007
STGF20NB60S_0508 STMICROELECTRONICS-STGF20NB60S_0508 Datasheet
296Kb / 11P
N-CHANNEL 13A - 600V TO-220FP PowerMESH TM IGBT
05-Aug-2005
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com