Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP30NC60W Datasheet(PDF) 4 Page - STMicroelectronics

Part # GP30NC60W
Description  N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP30NC60W Datasheet(HTML) 4 Page - STMicroelectronics

  GP30NC60W Datasheet HTML 1Page - STMicroelectronics GP30NC60W Datasheet HTML 2Page - STMicroelectronics GP30NC60W Datasheet HTML 3Page - STMicroelectronics GP30NC60W Datasheet HTML 4Page - STMicroelectronics GP30NC60W Datasheet HTML 5Page - STMicroelectronics GP30NC60W Datasheet HTML 6Page - STMicroelectronics GP30NC60W Datasheet HTML 7Page - STMicroelectronics GP30NC60W Datasheet HTML 8Page - STMicroelectronics GP30NC60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW30NC60W - STGP30NC60W
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-emitter
breakdown voltage
IC = 1mA, VGE = 0
600
V
VCE(SAT)
Collector-emitter saturation
voltage
VGE=15V, IC= 20A, Tj= 25°C
VGE=15V, IC= 20A,Tj= 125°C
2.1
1.8
2.5
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250µA
3.75
5.75
V
ICES
Collector-emitter leakage
current (VCE = 0)
VCE = Max rating,Tc=25°C
VCE = Max rating, Tc=125°C
10
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20V , VCE = 0
± 100
nA
gfs
Forward transconductance
VCE = 15V, IC= 20A
15
S
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1MHz, VGE=0
2080
175
52
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 20A,
VGE = 15V,
(see Figure 16)
102
17.5
47
140
nC
nC
nC
ICL
Turn-Off SOA minimum
current
Vclamp = 480V , Tj = 150°C
RG = 10Ω, VGE= 15V
200
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com