Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW35NB60SD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60SD Datasheet(HTML) 1 Page - STMicroelectronics

  STGW35NB60SD Datasheet HTML 1Page - STMicroelectronics STGW35NB60SD Datasheet HTML 2Page - STMicroelectronics STGW35NB60SD Datasheet HTML 3Page - STMicroelectronics STGW35NB60SD Datasheet HTML 4Page - STMicroelectronics STGW35NB60SD Datasheet HTML 5Page - STMicroelectronics STGW35NB60SD Datasheet HTML 6Page - STMicroelectronics STGW35NB60SD Datasheet HTML 7Page - STMicroelectronics STGW35NB60SD Datasheet HTML 8Page - STMicroelectronics STGW35NB60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1
November 2005
1/13
13
STGW35NB60SD
N-CHANNEL 35A - 600V - TO-247
Low Drop PowerMESH™ IGBT
General features
■
LOW ON-VOLTAGE DROP (VCEsat)
■
LOW INPUT CAPACITANCE
■
HIGH CURRENT CAPABILITY
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™
IGBTs,
with
outstanding
performances.
Applications
■
LIGHT DIMMER
■
HID
■
WELDING
■
MOTOR CONTROL
■
STATIC RELAYS
Order codes
Internal schematic diagram
Type
VCES
VCE(sat)
(Max)@ 25°C
IC
@100°C
STGW35NB60SD
600V
< 1.7V
35A
1
2
3
TO-247
Sales Type
Marking
Package
Packaging
STGW35NB60SD
GW35NB60SD
TO-247
TUBE
www.st.com


Similar Part No. - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
N-channel 35A - 600V - TO-247 Low drop PowerMESH™ IGBT
March 2007 Rev 1
More results

Similar Description - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
18-Nov-2005
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
28-Jul-2006
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
N-channel 35A - 600V - TO-247 Low drop PowerMESH™ IGBT
March 2007 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com