Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW35NB60SD Datasheet(PDF) 2 Page - STMicroelectronics

Part # GW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW35NB60SD Datasheet(HTML) 2 Page - STMicroelectronics

  GW35NB60SD Datasheet HTML 1Page - STMicroelectronics GW35NB60SD Datasheet HTML 2Page - STMicroelectronics GW35NB60SD Datasheet HTML 3Page - STMicroelectronics GW35NB60SD Datasheet HTML 4Page - STMicroelectronics GW35NB60SD Datasheet HTML 5Page - STMicroelectronics GW35NB60SD Datasheet HTML 6Page - STMicroelectronics GW35NB60SD Datasheet HTML 7Page - STMicroelectronics GW35NB60SD Datasheet HTML 8Page - STMicroelectronics GW35NB60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1 Electrical ratings
STGW35NB60SD
2/13
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
IC Note 4
Collector Current (continuous) at 25°C
70
A
IC Note 4
Collector Current (continuous) at 100°C
35
A
ICM Note 1
Collector Current (pulsed)
250
A
VGE
Gate-Emitter Voltage
± 20
V
If
Diode RMS Forward Current at TC = 25°C
30
A
PTOT
Total Dissipation at TC = 25°C
200
W
Tj
Operating Junction Temperature
– 55 to 150
°C
Tstg
Storage Temperature
TL
Maximum Lead Temperature for Soldering
Purpose (1.6mm from case, for 10sec.)
300
°C
Min.
Typ.
Max.
Unit
Rthj-case
Thermal Resistance Junction-case (IGBT)
--
--
0.625
°C/W
Rthj-case
Thermal Resistance Junction-case (DIODE)
--
--
1.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
--
--
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com