Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # K800
Description  N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K800 Datasheet(HTML) 1 Page - STMicroelectronics

  K800 Datasheet HTML 1Page - STMicroelectronics K800 Datasheet HTML 2Page - STMicroelectronics K800 Datasheet HTML 3Page - STMicroelectronics K800 Datasheet HTML 4Page - STMicroelectronics K800 Datasheet HTML 5Page - STMicroelectronics K800 Datasheet HTML 6Page - STMicroelectronics K800 Datasheet HTML 7Page - STMicroelectronics K800 Datasheet HTML 8Page - STMicroelectronics K800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2006
Rev 5
1/12
12
STK800
N-channel 30V - 0.006
Ω - 20A - PolarPAK®
STripFET™ Power MOSFET
General features
Ultra low top and bottom junction to case
thermal resistance
Very low capacitances
100% Rg tested
Fully incapsulated die
In compliance with the 2002/95/EC european
directive
PolarPAK® is a trademark of VISHAY
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, moreover the double sides
cooling package with ultra low junction to case
thermal resistance allows to handle higher levels
of current.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
RDS(on)*Qg
PTOT
STK800
30V
<0.0078
Ω 100.5nC*mΩ 5.2W
PolarPAK®
Bottom View
Top View
www.st.com
Order codes
Part number
Marking
Package
Packaging
STK800
K800
PolarPAK®
Tape & reel


Similar Part No. - K800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K800 STMICROELECTRONICS-K800 Datasheet
243Kb / 12P
N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
21-Mar-2006
logo
Carl Kammerling Interna...
K80040 CARL-K80040 Datasheet
131Kb / 2P
Nylon Safety Hasp & Padlock
logo
List of Unclassifed Man...
K8006 ETC2-K8006 Datasheet
499Kb / 16P
BASE UNIT for HOME MODULAR LIGHT SYSTEM
More results

Similar Description - K800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
Nov-2001
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
02-Feb-2006
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
21-Mar-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
10-Oct-2006
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
N-channel 30V - 0.006Ω - 20A - PolarPAK® STripFET??Power MOSFET
05-Oct-2007
STK20N75F3 STMICROELECTRONICS-STK20N75F3 Datasheet
907Kb / 15P
N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
22-Jun-2009
STK22N6F3 STMICROELECTRONICS-STK22N6F3 Datasheet
852Kb / 15P
N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
16-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com