Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K850 Datasheet(PDF) 1 Page - STMicroelectronics

Part # K850
Description  N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K850 Datasheet(HTML) 1 Page - STMicroelectronics

  K850 Datasheet HTML 1Page - STMicroelectronics K850 Datasheet HTML 2Page - STMicroelectronics K850 Datasheet HTML 3Page - STMicroelectronics K850 Datasheet HTML 4Page - STMicroelectronics K850 Datasheet HTML 5Page - STMicroelectronics K850 Datasheet HTML 6Page - STMicroelectronics K850 Datasheet HTML 7Page - STMicroelectronics K850 Datasheet HTML 8Page - STMicroelectronics K850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2006
Rev 6
1/12
12
STK850
N-channel 30V - 0.0024
Ω - 30A - PolarPAK®
STripFET™ Power MOSFET
General features
■ Ultra low top and bottom junction to case
thermal resistance
■ Very low capacitances
■ 100% Rg tested
■ Fully incapsulated die
■ In compliance with the 2002/95/EC european
directive
■ PolarPAK® is a trademark of VISHAY
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, moreover the double sides
cooling package with ultra low junction to case
thermal resistance allows to handle higher levels
of current.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
RDS(on)*Qg
PTOT
STK800
30V
<0.0029
Ω
71nC*m
Ω
5.2W
PolarPAK®
Bottom View
Top View
www.st.com
Order codes
Part number
Marking
Package
Packaging
STK850
K850
PolarPAK®
Tape & reel


Similar Part No. - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K850 STMICROELECTRONICS-K850 Datasheet
229Kb / 12P
N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
02-Feb-2006
logo
List of Unclassifed Man...
K850-0 ETC1-K850-0 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-1 ETC1-K850-1 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-2 ETC1-K850-2 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-3 ETC1-K850-3 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
More results

Similar Description - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
02-Feb-2006
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
21-Mar-2006
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
STK850 STMICROELECTRONICS-STK850_07 Datasheet
435Kb / 16P
N-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET
01-Oct-2007
STK22N6F3 STMICROELECTRONICS-STK22N6F3 Datasheet
852Kb / 15P
N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
16-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com