Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2054 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2054
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2054 Datasheet(HTML) 4 Page - STMicroelectronics

  ST2054 Datasheet HTML 1Page - STMicroelectronics ST2054 Datasheet HTML 2Page - STMicroelectronics ST2054 Datasheet HTML 3Page - STMicroelectronics ST2054 Datasheet HTML 4Page - STMicroelectronics ST2054 Datasheet HTML 5Page - STMicroelectronics ST2054 Datasheet HTML 6Page - STMicroelectronics ST2054 Datasheet HTML 7Page - STMicroelectronics ST2054 Datasheet HTML 8Page - STMicroelectronics ST2054 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST2054
4/9
Table 5: Power Switch Electrical Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C,
unless otherwise specified.) (See Note 1)
Table 6: Enable Input ENx Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless
otherwise specified.) (See Note 1)
Table 7: Current Limit Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless other-
wise specified.) (See Note 1)
Table 8: Supply Current Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless oth-
erwise specified.) (See Note 1)
Table 9: Undervoltage Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless other-
wise specified.) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(ON) Static Drain-Source
ON-State Resistance
VI =5V
IO = 0.5A
80
100
m
Ω
VI =5V
IO = 0.5ATJ=85°C
90
120
VI =5V
IO = 0.5ATJ=125°C
100
135
VI =3.3V IO = 0.5A
90
125
VI =3.3V IO = 0.5ATJ=85°C
110
145
VI =3.3V IO = 0.5ATJ=125°C
120
160
tr
Output Rise Time
VI =5.5V RL=10Ω CL=1µF2.5
ms
VI =2.7V RL=10Ω CL=1µF3
tf
Output Fall Time
VI =5.5V RL=10Ω CL=1µF0.3
ms
VI =2.7V RL=10Ω CL=1µF0.2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
High level Input Voltage
VI =2.7V to 5.5V
2
V
VIL
Low level Input Voltage
VI =4.5V to 5.5V
0.8
V
VI =2.7V to 4.5V
0.4
II
Input Current
VIENX = VI or 0V
-0.5
0.5
µA
ton
Turn-on Time
RL=10Ω CL=100µF20
ms
toff
Turn-off Time
RL=10Ω CL=100µF40
ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOS
Short Circuit Output Current VI =5V, OUT connected to GND, device
enabled into short circuit
0.711.3
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISOL
Current Low Level Output
VIENX = 0, No Load,
0.05
2
µA
VIENX = 0, No Load,
TJ=-40 to 125°C
20
ISOH
Current Low High Output
VIENX = VI, No Load,
140
180
µA
VIENX = VI, No Load, TJ=-40 to 125°C
200
IL
Output Leakage Current
VIENX = 0, Output Connected to GND,
TJ=-40 to 125°C
20
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
2
2.5
V
VHYS
Hysteresys
100
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com