Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8DNF3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # S8DNF3LL
Description  Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S8DNF3LL Datasheet(HTML) 4 Page - STMicroelectronics

  S8DNF3LL Datasheet HTML 1Page - STMicroelectronics S8DNF3LL Datasheet HTML 2Page - STMicroelectronics S8DNF3LL Datasheet HTML 3Page - STMicroelectronics S8DNF3LL Datasheet HTML 4Page - STMicroelectronics S8DNF3LL Datasheet HTML 5Page - STMicroelectronics S8DNF3LL Datasheet HTML 6Page - STMicroelectronics S8DNF3LL Datasheet HTML 7Page - STMicroelectronics S8DNF3LL Datasheet HTML 8Page - STMicroelectronics S8DNF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STS8DNF3LL
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
1
µA
VDS=Max rating,
TC=125°C
10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 4A
VGS = 4.5V, ID = 4A
0.017
0.020
0.020
0.024
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5.
Forward transconductance
VDS = 15V, ID= 4 A
12.5
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
800
pF
Coss
Output capacitance
250
pF
Crss
Reverse transfer
capacitance
60
pF
Qg
Total gate charge
VDD = 15V, ID = 8A,
VGS = 5V
(see Figure 14)
12.5
17
nC
Qgs
Gate-source charge
3.2
nC
Qgd
Gate-drain charge
4.5
nC
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=15 V, ID=4A,
RG=4.7Ω, VGS= 4.5V
(see Figure 13)
18
32
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD=15 V, ID=4A,
RG=4.7Ω, VGS= 4.5V
(see Figure 13)
21
11
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com