Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6225 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6225
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225 Datasheet(HTML) 4 Page - STMicroelectronics

  L6225 Datasheet HTML 1Page - STMicroelectronics L6225 Datasheet HTML 2Page - STMicroelectronics L6225 Datasheet HTML 3Page - STMicroelectronics L6225 Datasheet HTML 4Page - STMicroelectronics L6225 Datasheet HTML 5Page - STMicroelectronics L6225 Datasheet HTML 6Page - STMicroelectronics L6225 Datasheet HTML 7Page - STMicroelectronics L6225 Datasheet HTML 8Page - STMicroelectronics L6225 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
L6225
4/20
(6) Also connected at the output drain of the Overcurrent and Thermal protection MOSFET. Therefore, it has to be driven putting in series a
resistor with a value in the range of 2.2k
Ω - 180KΩ, recommended 100kΩ
PIN DESCRIPTION
PACKAGE
Name
Type
Function
SO20/
PowerDIP20
PowerSO20
PIN #
PIN #
1
6
IN1A
Logic Input
Bridge A Logic Input 1.
2
7
IN2A
Logic Input
Bridge A Logic Input 2.
3
8
SENSEA
Power Supply
Bridge A Source Pin. This pin must be connected to Power
Ground directly or through a sensing power resistor.
4
9
OUT1A
Power Output
Bridge A Output 1.
5, 6, 15, 16
1, 10, 11,
20
GND
GND
Signal Ground terminals. In PowerDIP and SO packages,
these pins are also used for heat dissipation toward the
PCB.
7
12
OUT1B
Power Output
Bridge B Output 1.
8
13
SENSEB
Power Supply
Bridge B Source Pin. This pin must be connected to Power
Ground directly or through a sensing power resistor.
9
14
IN1B
Logic Input
Bridge B Logic Input 1.
10
15
IN2B
Logic Input
Bridge B Logic Input 2.
11
16
ENB
Logic Input (6)
Bridge B Enable. LOW logic level switches OFF all Power
MOSFETs of Bridge B. This pin is also connected to the
collector of the Overcurrent and Thermal Protection
transistor to implement over current protection.
If not used, it has to be connected to +5V through a
resistor.
12
17
VBOOT
Supply
Voltage
Bootstrap Voltage needed for driving the upper
PowerMOSFETs of both Bridge A and Bridge B.
13
18
OUT2B
Power Output
Bridge B Output 2.
14
19
VSB
Power Supply
Bridge B Power Supply Voltage. It must be connected to
the supply voltage together with pin VSA.
17
2
VSA
Power Supply
Bridge A Power Supply Voltage. It must be connected to
the supply voltage together with pin VSB.
18
3
OUT2A
Power Output
Bridge A Output 2.
19
4
VCP
Output
Charge Pump Oscillator Output.
20
5
ENA
Logic Input (6)
Bridge A Enable. LOW logic level switches OFF all Power
MOSFETs of Bridge A. This pin is also connected to the
collector of the Overcurrent and Thermal Protection
transistor to implement over current protection.
If not used, it has to be connected to +5V through a
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com