Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C64A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M27C64A
Description  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M27C64A Datasheet HTML 9Page - STMicroelectronics M27C64A Datasheet HTML 10Page - STMicroelectronics M27C64A Datasheet HTML 11Page - STMicroelectronics M27C64A Datasheet HTML 12Page - STMicroelectronics M27C64A Datasheet HTML 13Page - STMicroelectronics M27C64A Datasheet HTML 14Page - STMicroelectronics M27C64A Datasheet HTML 15Page - STMicroelectronics M27C64A Datasheet HTML 16Page - STMicroelectronics M27C64A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
M27C64A
DC and AC parameters
13/22
4
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 5.
AC Testing Input Output Waveform
Figure 6.
AC Testing Load Circuit
Table 5.
AC Measurement Conditions(1)
1.
Note that Output Hi-Z is defined as the point where data is no longer driven.
Input Rise and Fall Times
≤20ns
Input Pulse Voltages
0.4V to 2.4V
Input and Output Timing Ref. Voltages
0.8 to 2.0V
Table 6.
Capacitance(1)(2)
1.
Sampled only, not 100% tested.
2.
TA = 25 °C, f = 1 MHz.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
AI00826
2.4V
0.4V
2.0V
0.8V
AI00828
1.3V
OUT
CL = 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com