Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS952IN Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS952IN
Description  Input/Output Rail-to-Rail Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952IN Datasheet(HTML) 5 Page - STMicroelectronics

  TS952IN Datasheet HTML 1Page - STMicroelectronics TS952IN Datasheet HTML 2Page - STMicroelectronics TS952IN Datasheet HTML 3Page - STMicroelectronics TS952IN Datasheet HTML 4Page - STMicroelectronics TS952IN Datasheet HTML 5Page - STMicroelectronics TS952IN Datasheet HTML 6Page - STMicroelectronics TS952IN Datasheet HTML 7Page - STMicroelectronics TS952IN Datasheet HTML 8Page - STMicroelectronics TS952IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TS951-TS952-TS954
Electrical Characteristics
5/15
Table 4.
VCC = +5V, VDD = 0V, RL connected to Vcc/2, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
V
io
Input Offset Voltage
Tmin ≤ Tamb ≤ Tmax
6
8
mV
DV
io
Input Offset Voltage Drift
2
µV/°C
I
io
Input Offset Current
Vicm = Vcc/2
Tmin ≤ Tamb ≤ Tmax
130
80
nA
I
ib
Input Bias Current
Vicm = Vcc/2
Tmin ≤ Tamb ≤ Tmax
35
100
200
nA
CMR
Common Mode Rejection Ratio
50
80
dB
SVR
Supply Voltage Rejection Ratio
Vcc = 2.7V to 3.3V
60
80
dB
Avd
Large Signal Voltage Gain
V
o = 2Vpk-pk RL = 600
Ω
86
dB
V
OH
High Level Output Voltage R
L = 600
Ω
4.7
4.8
V
V
OL
Low Level Output Voltage
R
L = 600
Ω
80
300
mV
Isc
Output Short Circuit Current
10
mA
Icc
Supply Current (per Amplifier)
No load, Vicm = Vcc/2
0.95
1.4
mA
GBP
Gain Bandwidth Product R
L = 2k
Ω
3MHz
SR
Slew Rate
1
V/
µs
∅m
Phase Margin at Unit Gain
RL = 600Ω, CL
=100pF
60
Degree
s
Gm
Gain Margin
RL = 600Ω, CL
=100pF
10
dB
en
Equivalent Input Noise Voltage
f = 1kHz
25
THD
Total Harmonic Distortion
Vout = 4Vpk-pk, F = 10kHz, Av = 2, RL =10kΩ
0.01
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com