Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS836 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS836
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS836 Datasheet(HTML) 2 Page - STMicroelectronics

  TS836 Datasheet HTML 1Page - STMicroelectronics TS836 Datasheet HTML 2Page - STMicroelectronics TS836 Datasheet HTML 3Page - STMicroelectronics TS836 Datasheet HTML 4Page - STMicroelectronics TS836 Datasheet HTML 5Page - STMicroelectronics TS836 Datasheet HTML 6Page - STMicroelectronics TS836 Datasheet HTML 7Page - STMicroelectronics TS836 Datasheet HTML 8Page - STMicroelectronics TS836 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS836
2/10
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
TS836-4
ELECTRICAL CHARACTERISTICS Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1)
7V
VOUT
Output Voltage
-0.3 to Vcc
+ 0.3
V
IOUT
Output Current
20
mA
PD
Power Dissipation2)
SO8
TSSOP8
TO92
700
625
625
mW
TSTG
Storage Temperature
-65 to +150
°C
1. All voltages values, except differential voltage are with respect to network ground terminal.
2. PD is calculated with TAMB=+25°C, TJ=+150°C and
RTHJA= 175°C/W for SO8 package
RTHJA= 200°C/W for TSSOP8 package
RTHJA= 200°C/W for TO92 package
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
1 to 5.5
V
TOPER
Operating Free Air Temperature Range
-40 to +85
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTHIi
Threshold Voltage - VCC Increasing
Tmin. ≤ Tamb ≤ Tmax.
4.17
4.5
4.66
V
VTHD
Threshold Voltage - VCC Decreasing
Tmin. ≤ Tamb ≤ Tmax.
4.17
4.4
4.66
V
VHYS
Hysteresis Voltage
50
100
200
mV
ICC
Current Consumption
VCC = 5V
12
µA
VOL
Low Level Output Voltage
VCC = 4V
IOL = 8mA, Tmin. ≤ Tamb ≤ Tmax.
450
800
1000
mV
IOH
Output Off-state Leakage
VCC = 5V
Tmin. ≤ Tamb ≤ Tmax.
2
100
1000
nA
TPHL
Response Time High to Low
RL = 10kΩ, CL = 15pF, VCC = Vthd -10mV
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com