Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN951 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN951
Description  Low voltage fast-switching PNP power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN951 Datasheet(HTML) 3 Page - STMicroelectronics

  STN951 Datasheet HTML 1Page - STMicroelectronics STN951 Datasheet HTML 2Page - STMicroelectronics STN951 Datasheet HTML 3Page - STMicroelectronics STN951 Datasheet HTML 4Page - STMicroelectronics STN951 Datasheet HTML 5Page - STMicroelectronics STN951 Datasheet HTML 6Page - STMicroelectronics STN951 Datasheet HTML 7Page - STMicroelectronics STN951 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STN951
Electrical ratings
3/8
1
Electrical ratings
Table 2.
Thermal data
(1) Device mounted on PCB area of 1cm2
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
-60
V
VCEO
Collector-emitter voltage (IB = 0)
-60
V
VEBO
Emitter-base voltage (IC = 0)
-6
V
IC
Collector current
-5
A
ICM
Collector peak current (tP < 5ms)
-10
A
IB
Base current
-1
A
IBM
Base peak current (tP < 5ms)
-2
A
Ptot
Total dissipation at Tamb = 25°C
1.6
W
Tstg
Storage temperature
-65 to 150
°C
Tj
Max. operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-amb(1) Thermal resistance junction-amb
__max
78
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com