Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB45NF3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB45NF3LL
Description  N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB45NF3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STB45NF3LL Datasheet HTML 1Page - STMicroelectronics STB45NF3LL Datasheet HTML 2Page - STMicroelectronics STB45NF3LL Datasheet HTML 3Page - STMicroelectronics STB45NF3LL Datasheet HTML 4Page - STMicroelectronics STB45NF3LL Datasheet HTML 5Page - STMicroelectronics STB45NF3LL Datasheet HTML 6Page - STMicroelectronics STB45NF3LL Datasheet HTML 7Page - STMicroelectronics STB45NF3LL Datasheet HTML 8Page - STMicroelectronics STB45NF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP45NF3LL - STB45NF3LL
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/
D²PAK/I²PAK
TO-220FP
VDS
Drain-source voltage (vgs = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)30
V
VGS
Gate- source voltage
±16
V
ID
Drain current (continuos) at TC = 25°C
45
27
A
ID
Drain current (continuos) at TC = 100°C
32
19
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
180
108
A
PTOT
Total dissipation at TC = 25°C
70
25
W
Derating factor
0.46
0.167
W/°C
EAS
(2)
2.
Starting Tj= 25°C, ID= 22.5A, VDD= 24V
Single pulse avalanche energy
241
mj
VISO
Insulation winthstand voltage (dc)
--
2500
V
Tstg
Storage temperature
– 55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-220FP
Rthj-case Thermal resistance junction-case Max
2.14
6
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com