Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP60NH2LL Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP60NH2LL
Description  N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP60NH2LL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP60NH2LL Datasheet HTML 5Page - STMicroelectronics STP60NH2LL Datasheet HTML 6Page - STMicroelectronics STP60NH2LL Datasheet HTML 7Page - STMicroelectronics STP60NH2LL Datasheet HTML 8Page - STMicroelectronics STP60NH2LL Datasheet HTML 9Page - STMicroelectronics STP60NH2LL Datasheet HTML 10Page - STMicroelectronics STP60NH2LL Datasheet HTML 11Page - STMicroelectronics STP60NH2LL Datasheet HTML 12Page - STMicroelectronics STP60NH2LL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STP60NH2LL
Appendix A
9/14
4
Appendix A
The power losses associated with the FETs in a synchronous buck converter can be
estimated using the equations shown in the table below. The formulas give a good
approximation, for the sake of performance comparison, of how different pairs of devices
affect the converter efficiency. However a very important parameter, the working
temperature, is not considered. The real device behavior is really dependent on how the
heat generated inside the devices is removed to allow for a safer working junction
temperature.
●
The low side (SW2) device requires:
●
Very low RDS(on) to reduce conduction losses
●
Small Qgls to reduce the gate charge losses
●
Small Coss to reduce losses due to output capacitance
●
Small Qrr to reduce losses on SW1 during its turn-on
●
The Cgd/Cgs ratio lower than Vth/Vgg ratio especially with low drain to source
●
voltage to avoid the cross conduction phenomenon;
●
The high side (SW1) device requires:
●
Small Rg and Ls to allow higher gate current peak and to limit the voltage feedback on
the gate
●
Small Qg to have a faster commutation and to reduce gate charge losses
●
Low RDS(on) to reduce the conduction losses.
Figure 19.
Buck converter: power losses estimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com