Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB11NM60FD Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB11NM60FD
Description  N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60FD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB11NM60FD Datasheet HTML 5Page - STMicroelectronics STB11NM60FD Datasheet HTML 6Page - STMicroelectronics STB11NM60FD Datasheet HTML 7Page - STMicroelectronics STB11NM60FD Datasheet HTML 8Page - STMicroelectronics STB11NM60FD Datasheet HTML 9Page - STMicroelectronics STB11NM60FD Datasheet HTML 10Page - STMicroelectronics STB11NM60FD Datasheet HTML 11Page - STMicroelectronics STB11NM60FD Datasheet HTML 12Page - STMicroelectronics STB11NM60FD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STP45NF3LL - STB45NF3LL
Test circuit
9/16
3
Test circuit
Figure 15. Switching times test circuit for
resistive load
Figure 16. Gate charge test circuit
Figure 17. Test circuit for inductive load
switching and diode recovery times
Figure 18. Unclamped Inductive load test
circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com