Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

120NH03L Datasheet(PDF) 5 Page - STMicroelectronics

Part # 120NH03L
Description  N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

120NH03L Datasheet(HTML) 5 Page - STMicroelectronics

  120NH03L Datasheet HTML 1Page - STMicroelectronics 120NH03L Datasheet HTML 2Page - STMicroelectronics 120NH03L Datasheet HTML 3Page - STMicroelectronics 120NH03L Datasheet HTML 4Page - STMicroelectronics 120NH03L Datasheet HTML 5Page - STMicroelectronics 120NH03L Datasheet HTML 6Page - STMicroelectronics 120NH03L Datasheet HTML 7Page - STMicroelectronics 120NH03L Datasheet HTML 8Page - STMicroelectronics 120NH03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STB120NH03L - STI120NH03L - STP120NH03L
Electrical characteristics
5/17
Table 5.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current
(pulsed)
60
240
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 30A, VGS = 0
1.4
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 60A,
di/dt = 100A/µs,
VDD = 30V, TJ =150°C
46
64
2.8
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com