Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17H3LL- Datasheet(PDF) 4 Page - STMicroelectronics

Part # 17H3LL-
Description  N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

17H3LL- Datasheet(HTML) 4 Page - STMicroelectronics

  17H3LL- Datasheet HTML 1Page - STMicroelectronics 17H3LL- Datasheet HTML 2Page - STMicroelectronics 17H3LL- Datasheet HTML 3Page - STMicroelectronics 17H3LL- Datasheet HTML 4Page - STMicroelectronics 17H3LL- Datasheet HTML 5Page - STMicroelectronics 17H3LL- Datasheet HTML 6Page - STMicroelectronics 17H3LL- Datasheet HTML 7Page - STMicroelectronics 17H3LL- Datasheet HTML 8Page - STMicroelectronics 17H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STS17NH3LL
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 8.5A
VGS = 4.5V, ID = 8.5A
0.004
0.005
0.0057
0.0075
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS=25V, f=1MHz, VGS =
0
1810
565
41
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15V, ID=17A
VGS=4.5V
(see Figure 13)
18
4.8
5.3
24
nC
nC
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20mV
open drain
0.5
1.5
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com