Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP31A
Description  Power transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31A Datasheet(HTML) 4 Page - STMicroelectronics

  TIP31A Datasheet HTML 1Page - STMicroelectronics TIP31A Datasheet HTML 2Page - STMicroelectronics TIP31A Datasheet HTML 3Page - STMicroelectronics TIP31A Datasheet HTML 4Page - STMicroelectronics TIP31A Datasheet HTML 5Page - STMicroelectronics TIP31A Datasheet HTML 6Page - STMicroelectronics TIP31A Datasheet HTML 7Page - STMicroelectronics TIP31A Datasheet HTML 8Page - STMicroelectronics TIP31A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TIP31A
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 2.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 30 V
0.3
mA
IEBO
Emitter cut-off current (IC = 0) VEB = 5V
1mA
ICES
Collector cut-off current
(VBE = 0)
VCE = 60V
0.2
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%
Collector-emitter
sustaining voltage (IB = 0)
IC = 30mA
60
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 3A_
IB = 375mA
1.2
V
VBE(on)
(1)
Base-emitter voltage
IC = 3A_____ VCE = 4V
1.8
V
hFE
(1)
DC current gain
IC = 1A ____ VCE = 4V
IC = 3A _____ VCE = 4V
25
10
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com