Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP32A
Description  Power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP32A Datasheet(HTML) 3 Page - STMicroelectronics

  TIP32A Datasheet HTML 1Page - STMicroelectronics TIP32A Datasheet HTML 2Page - STMicroelectronics TIP32A Datasheet HTML 3Page - STMicroelectronics TIP32A Datasheet HTML 4Page - STMicroelectronics TIP32A Datasheet HTML 5Page - STMicroelectronics TIP32A Datasheet HTML 6Page - STMicroelectronics TIP32A Datasheet HTML 7Page - STMicroelectronics TIP32A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIP32A
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 2.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE =-30V
-0.3
mA
ICES
Collector cut-off current
(VBE = 0)
VCE =-60V
-0.2
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB =-5V
-1
mA
VCEO(sus
(1)
1. Pulsed duration = 300 ms, duty cycle
≥1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC =-30mA
-60
V
VCE(sat)(1)
Collector-emitter
saturation voltage
IC =-3A _
IB =-375mA
-1.2
V
VBE(on)(1) Base-emitter voltage
IC =-3A_
VCE =-4V
-1.8
V
hFE(1)
DC current gain
IC =-1A
VCE =-4V
IC =-3A _
VCE =-4V
25
10
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com