Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31C Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP31C
Description  Power transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31C Datasheet(HTML) 4 Page - STMicroelectronics

  TIP31C Datasheet HTML 1Page - STMicroelectronics TIP31C Datasheet HTML 2Page - STMicroelectronics TIP31C Datasheet HTML 3Page - STMicroelectronics TIP31C Datasheet HTML 4Page - STMicroelectronics TIP31C Datasheet HTML 5Page - STMicroelectronics TIP31C Datasheet HTML 6Page - STMicroelectronics TIP31C Datasheet HTML 7Page - STMicroelectronics TIP31C Datasheet HTML 8Page - STMicroelectronics TIP31C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TIP31C
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note:
Product is pre-selected in DC current gain (Group R, Group O and Group Y).
STMicroelectronics reserves the right to ship each groups according to production
availability. Please contact your nearest STMicroelectronics sales office for delivery details.
Table 2.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 60V
0.3
mA
IEBO
Emitter cut-off current (IC = 0) VEB = 5V
1mA
ICES
Collector cut-off current
(VBE = 0)
VCE = 100V
0.2
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%
Collector-emitter
sustaining voltage (IB = 0)
IC = 30mA
100
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 3A_
IB = 375mA
1.2
V
VBE(on)
(1)
Base-emitter voltage
IC = 3A_____ VCE = 4V
1.8
V
hFE
(1)
DC current gain
IC = 1A_ ___ VCE = 4V
IC = 3A _____ VCE = 4V
Group R
Group O
Group Y
25
10
20
40
24
44
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com