Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP35CW
Description  Complementary Silicon High Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP35CW Datasheet(HTML) 2 Page - STMicroelectronics

  TIP35CW Datasheet HTML 1Page - STMicroelectronics TIP35CW Datasheet HTML 2Page - STMicroelectronics TIP35CW Datasheet HTML 3Page - STMicroelectronics TIP35CW Datasheet HTML 4Page - STMicroelectronics TIP35CW Datasheet HTML 5Page - STMicroelectronics TIP35CW Datasheet HTML 6Page - STMicroelectronics TIP35CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1 Absolute Maximum Ratings
TIP35CW / TIP36CW
2/7
1
Absolute Maximum Ratings
Table 1.
Absolute Maximum Rating
Note:
For PNP types voltage and current values are negative.
Table 2.
Thermal Data
Symbol
Parameter
Value
Unit
NPN
TIP35CW
PNP
TIP36CW
VCBO
Collector-Base Voltage (IE = 0)
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
100
V
VEBO
Emitter-Base Voltage (IC = 0)
5V
IC
Collector Current
25
A
ICM
Collector Peak Current (tp < 5ms)
50
A
IB
Base Current
5
A
Ptot
Total Dissipation at Tc = 25oC
125
W
Tstg
Storage Temperature
-65 to 150
oC
TJ
Max. Operating Junction Temperature
150
oC
Symbol
Parameter
Value
Unit
Rthj-case Thermal Resistance Junction-Case__________________Max
1
oC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com