Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP36CW
Description  Complementary Silicon High Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP36CW Datasheet(HTML) 3 Page - STMicroelectronics

  TIP36CW Datasheet HTML 1Page - STMicroelectronics TIP36CW Datasheet HTML 2Page - STMicroelectronics TIP36CW Datasheet HTML 3Page - STMicroelectronics TIP36CW Datasheet HTML 4Page - STMicroelectronics TIP36CW Datasheet HTML 5Page - STMicroelectronics TIP36CW Datasheet HTML 6Page - STMicroelectronics TIP36CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP35CW / TIP36CW
2 Electrical Characteristics
3/7
2
Electrical Characteristics
Table 3.
Electrical Characteristics (Tcase = 25oC; unless otherwise specified)
Note:
1 Pulsed duration = 300
µs, duty cycle ≤1.5%.
2 For PNP types voltage and current values are negative.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off Current
(IB = 0)
VCE = 60 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
ICES
Collector Cut-off Current
(VBE = 0)
VCE = Rated VCEO
0.7
mA
VCEO(SUS)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 30 mA
100
V
hFE
Note: 1
DC Current Gain
IC = 1.5 A
__
VCE = 4 V
IC = 15 A _____
VCE = 4 V
25
10
50
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = 15 A
__
_ IB = 1.5 A
IC = 25 A ____ _
IB = 5 A
1.8
4
V
V
VBE(on)
Note: 1
Base-Emitter Voltage
IC = 15 A
__
VCE = 4 V
IC = 25 A _____
VCE = 4 V
2
4
V
V
fT
Transition Frequency
IC = 1 A VCE = 10 V f = 1 MHz
3MHz
hfe
Small Signall Current Gain
IC = 1 A VCE = 10 V f = 1 MHz
25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com