Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP41A
Description  COMPLEMENTARY SILICON POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41A Datasheet(HTML) 3 Page - STMicroelectronics

  TIP41A Datasheet HTML 1Page - STMicroelectronics TIP41A Datasheet HTML 2Page - STMicroelectronics TIP41A Datasheet HTML 3Page - STMicroelectronics TIP41A Datasheet HTML 4Page - STMicroelectronics TIP41A Datasheet HTML 5Page - STMicroelectronics TIP41A Datasheet HTML 6Page - STMicroelectronics TIP41A Datasheet HTML 7Page - STMicroelectronics TIP41A Datasheet HTML 8Page - STMicroelectronics TIP41A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TIP42A
2 Electrical Characteristics
3/10
2
Electrical Characteristics
Tcase = 25°C; unless otherwise specified
Table 2.
Electrical Characteristics
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
For PNP types voltage e current values are negative.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off Current (IB = 0)
VCE = 30 V
0.7
mA
IEBO
Emitter Cut-off Current (IC = 0)
VEB = 5V
1mA
ICES
Collector Cut-off Current (VBE = 0) VCE = 60V
0.4
mA
VCEO(sus)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 30mA
60
V
VCE(sat)
Note: 1
Collector-Emitter saturation Voltage IC = 6A __ ___
I B = 0.6A
1.5
V
VBE(on)
Note: 1
Base-Emitter Voltage
IC = 6A _____
VCE = 4V
2V
hFE
Note: 1
DC Current Gain
IC = 0.3A _
VCE = 4V
IC = 3A _
VCE = 4V
30
15
75
hfe
Small Signal Current Gain
IC = 0.5A VCE = 10V f=1 KHz
IC = 0.5A VCE = 10V f=1 KHz
20
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com