Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP105
Description  PNP SILICON POWER DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP105 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP105 Datasheet HTML 1Page - STMicroelectronics TIP105 Datasheet HTML 2Page - STMicroelectronics TIP105 Datasheet HTML 3Page - STMicroelectronics TIP105 Datasheet HTML 4Page - STMicroelectronics TIP105 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIP105
PNP SILICON POWER
DARLINGTON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
s
hFE CLASSIFICATION
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
s
AUDIO POWER AMPLIFIER
s
GENERAL POWER SWITCHING
s
DC-AC CONVERTER
s
EASY DRIVER FOR LOW VOLTAGE
DC MOTOR
DESCRIPTION
The TIP105 is a silicon Epitaxial-Base PNP
transistor in monolithic Darlington configuration
mounted in TO-220 plastic package intented for
use in power linear and switching applications.
The preferred complementary NPN type is the
TIP102.
®
INTERNAL SCHEMATIC DIAGRAM
April 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-60
V
VCEO
Collector-Emitter Voltage (IB = 0)
-60
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-8
A
ICM
Collector Peak Current
-15
A
IB
Base Current
-1
A
Ptot
Total Dissipation at Tcase
≤ 25 oC
Tamb
≤ 25 oC
80
2
W
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
R1 Typ. = 5 K
Ω
R2 Typ. = 150
Ω
1
2
3
TO-220
1/5


Similar Part No. - TIP105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP105 MOSPEC-TIP105 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP105 MOTOROLA-TIP105 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP105 ONSEMI-TIP105 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP105 POINN-TIP105 Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP105 STMICROELECTRONICS-TIP105 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results

Similar Description - TIP105

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com