Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3245 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3245
Description  8?묪it Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3245 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3245_06 Datasheet HTML 1Page - ON Semiconductor 74FST3245_06 Datasheet HTML 2Page - ON Semiconductor 74FST3245_06 Datasheet HTML 3Page - ON Semiconductor 74FST3245_06 Datasheet HTML 4Page - ON Semiconductor 74FST3245_06 Datasheet HTML 5Page - ON Semiconductor 74FST3245_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 2
1
Publication Order Number:
74FST3245/D
74FST3245
8−Bit Bus Switch
The ON Semiconductor 74FST3245 is an 8−bit, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of an 8−bit switch. Port A is connected to Port B
when OE is low. If OE is high, the switch is high Z.
Features
RON t 4 W Typical
Less Than 0.25 ns−Max Delay Through Switch
Nearly Zero Standby Current
No Circuit Bounce
Control Inputs are TTL/CMOS Compatible
Pin−For−Pin Compatible with QS3245, FST3245, CBT3245
All Popular Packages: QSOP−20, TSSOP−20, SOIC−20
All Devices in Package TSSOP are Inherently Pb−Free*
NC
A2
A5
A4
A3
A1
A0
VCC
B1
B4
B3
B2
B0
OE
1
2
3
4
5
6
7
20
19
18
17
16
15
14
Figure 1. 20−Lead Pinout
A6
8
A7
9
GND
10
B5
13
B6
12
B7
11
2
19
9
18
11
OE
Figure 2. Logic Diagram
A0
A7
B0
B7
L
H
Input OE
Function
Connect
Disconnect
TRUTH TABLE
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Description
PIN NAMES
OE1, OE2
1A, 2A
TSSOP−20
DT SUFFIX
CASE 948E
SOIC−20
DW SUFFIX
CASE 751D
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B
Bus B
20
1
FST3245
AWLYYWW
1
20
20
1
FST
3245
ALYW
A
=
Assembly Location
L, WL
=
Wafer Lot
Y
=
Year
W, WW =
Work Week
QSOP−20
QS SUFFIX
CASE 492A
1
20
FST3245
AWLYWW
20
1
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
20
1
http://onsemi.com


Similar Part No. - 74FST3245_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245DT ONSEMI-74FST3245DT Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3245DTR2 ONSEMI-74FST3245DTR2 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3245DW ONSEMI-74FST3245DW Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3245DWR2 ONSEMI-74FST3245DWR2 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3245QS ONSEMI-74FST3245QS Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
More results

Similar Description - 74FST3245_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
8?묪it Shift Register
June, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com