Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3257 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3257
Description  Quad 2:1 Multiplexer/Demultiplexer Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3257 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3257 Datasheet HTML 1Page - ON Semiconductor 74FST3257 Datasheet HTML 2Page - ON Semiconductor 74FST3257 Datasheet HTML 3Page - ON Semiconductor 74FST3257 Datasheet HTML 4Page - ON Semiconductor 74FST3257 Datasheet HTML 5Page - ON Semiconductor 74FST3257 Datasheet HTML 6Page - ON Semiconductor 74FST3257 Datasheet HTML 7Page - ON Semiconductor 74FST3257 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 4
1
Publication Order Number:
74FST3257/D
74FST3257
Quad 2:1 Multiplexer/
Demultiplexer Bus Switch
The ON Semiconductor 74FST3257 is a quad 2:1, high performance
multiplexer/demultiplexer bus switch. The device is CMOS TTL
compatible when operating between 4 and 5.5 Volts. The device
exhibits extremely low RON and adds nearly zero propagation delay.
The device adds no noise or ground bounce to the system.
Features
• RON t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3257, FST3257, CBT3257
• All Popular Packages: SOIC−16, TSSOP−16, QSOP−16
• Pb−Free Packages are Available
1A
2A
2B2
2B1
1B2
S
VCC
OE
GND
3A
1
2
3
4
5
6
7
16
15
14
13
12
11
10
89
Figure 1. 16−Lead Pinout
Figure 2. Truth Table
1B1
4B1
4B2
4A
3B2
X
L
H
S
Function
H
L
L
OE
Disconnect
A = B1
A = B2
3B1
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G
= Pb−Free Package
TSSOP−16
DT SUFFIX
CASE 948F
16
1
QSOP−16
QS SUFFIX
CASE 492
SOIC−16
D SUFFIX
CASE 751B
16
1
1
16
FST3257G
AWLYWW
MARKING
DIAGRAMS
16
1
16
1
1
16
FST
3257
ALYW
G
G
S3257
ALYW
Description
PIN NAMES
OE1, OE2
S0, S1
Pin
Bus Switch Enables
Select Inputs
A
Bus A
B1, B2, B3, B4
Bus B
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)


Similar Part No. - 74FST3257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257 ONSEMI-74FST3257 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
74FST3257DR2 ONSEMI-74FST3257DR2 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257DR2G ONSEMI-74FST3257DR2G Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
More results

Similar Description - 74FST3257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257_06 Datasheet
200Kb / 6P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com