Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBP21 Datasheet HTML 1Page - STMicroelectronics LNBP21 Datasheet HTML 2Page - STMicroelectronics LNBP21 Datasheet HTML 3Page - STMicroelectronics LNBP21 Datasheet HTML 4Page - STMicroelectronics LNBP21 Datasheet HTML 5Page - STMicroelectronics LNBP21 Datasheet HTML 6Page - STMicroelectronics LNBP21 Datasheet HTML 7Page - STMicroelectronics LNBP21 Datasheet HTML 8Page - STMicroelectronics LNBP21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
October 2004
s
COMPLETE INTERFACE BETWEEN LNB
AND I2CTM BUS
s
BUILT-IN DC/DC CONTROLLER FOR
SINGLE 12V SUPPLY OPERATION
s
ACCURATE BUILT-IN 22KHz TONE
OSCILLATOR
s
SUITS WIDELY ACCEPTED STANDARDS
s
FAST OSCILLATOR START-UP FACILITATES
DiSEqCTM ENCODING
s
BUILT-IN 22KHz TONE DETECTOR
SUPPORTS BI-DIRECTIONAL DiSEqCTM
s
LOOP-THROUGH FUNCTION FOR SLAVE
OPERATION
s
LNB SHORT CIRCUIT PROTECTION AND
DIAGNOSTIC
s
CABLE LENGTH DIGITAL COMPENSATION
s
INTERNAL OVER TEMPERATURE
PROTECTION
s
ESD RATING 4KV ON POWER
INPUT-OUTPUT PINS
DESCRIPTION
Intended for analog and digital satellite STB
receivers/SatTV, sets/PC cards, the LNBP21 is a
monolithic voltage regulator and interface IC,
assembled
in
SO-20
and
PowerSO-20,
specifically designed to provide the power and the
13/18V, 22KHz tone signalling to the LNB down
converter in the antenna or to the multiswitch box.
In this application field, it offers a complete
solution with extremely low component count, low
LNBP21
LNBP SUPPLY AND CONTROL IC WITH
STEP-UP CONVERTER AND I2C INTERFACE
Enable
I Select
Preregul.+
U.V.lockout
+P.ON res.
Feedback
Step-up
Controller
V Select
Linear Post-reg
+Modulator
+Protections
22KHz
Oscill.
Vup
LT1
OUT
SDA
SCL
DSQIN
Vcc
Diagnostics
I²C
interf.
Tone
Detector
DSQOUT
LT2
DETIN
LNBP21
Byp
Gate
Sense
EXTM
ADDR
Figure 1: Block Diagram
SO-20
PowerSO-20
Rev. 3


Similar Part No. - LNBP21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
LNBP21D2 STMICROELECTRONICS-LNBP21D2 Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
LNBP21D2-TR STMICROELECTRONICS-LNBP21D2-TR Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
LNBP21PD STMICROELECTRONICS-LNBP21PD Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
LNBP21PD-TR STMICROELECTRONICS-LNBP21PD-TR Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
More results

Similar Description - LNBP21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Oct-2002
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Nov-2002
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
05-Oct-2004
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com