Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR730FZ2H7 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STR730FZ2H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ2H7 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STR730FZ2H7 Datasheet HTML 45Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 46Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 47Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 48Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 49Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 50Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 51Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 52Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
STR73xF
52/53
7
Revision history
Table 28.
Revision history
Date
Revision
Description of Changes
19-Sep-2005
1
First release
2-Nov-2005
2
Removed Table 8 power consumption in LP modes
Updated PLL frequency in Section 1.1 and Table 12
8-Mar-2006
3
Section 3.4: Preliminary power consumption data updated
Section 3.5: DC electrical characteristics updated
Section 6: Known limitations added.
4-Jun-2006
4
Section 3: Electrical parameters updated
Section 6: Known limitations updated
Added temperature range -40°C to 85°C in Section 5: Order
codes
19-Jun-2006
5
Changed Flash data retention to 20 years at 85°C in Table 17 on
page 35.
08-Sep-2006
6
Changed Table 22: Output driving current on page 40
Added Figure 14: VOL standard ports vs IOL @ VDD 5V thru
Figure 18: VOL P6.0 pin vs IOL @ VDD 5V on page 41.
Added Figure 20: NRSTIN RPU vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com