Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157H Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5157H
Description  CPU 5?묪it Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5157H Datasheet(HTML) 2 Page - ON Semiconductor

  CS5157H Datasheet HTML 1Page - ON Semiconductor CS5157H Datasheet HTML 2Page - ON Semiconductor CS5157H Datasheet HTML 3Page - ON Semiconductor CS5157H Datasheet HTML 4Page - ON Semiconductor CS5157H Datasheet HTML 5Page - ON Semiconductor CS5157H Datasheet HTML 6Page - ON Semiconductor CS5157H Datasheet HTML 7Page - ON Semiconductor CS5157H Datasheet HTML 8Page - ON Semiconductor CS5157H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS5157H
http://onsemi.com
2
Figure 1. Application Diagram, Switching Power Supply for Core Logic − Pentium) II Processor
COMP
VFFB
VFB
VGATE(H)
VCC2
VCC1
VID0
VID1
VID2
VID3
PGND
SS
COFF
CS5157H
AIEI
12 V
330 pF
0.1
mF
LGND
1200
mF/10 V × 3
0.1
mF
1.3 V to 3.5 V @ 13 A
VID0
VID1
VID2
VID3
AIEI
1200
mF/10 V × 5
2.0
mH
IRL3103
0.33
mF
5.0 V
3.3 k
100 pF
VID4
VID4
IRL3103
VGATE(L)
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
0 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Max Operating Voltage
Max Current
VCC1
16 V/−0.3 V
25 mA DC/1.5 A peak
VCC2
20 V/−0.3 V
20 mA DC/1.5 A peak
SS
6.0 V/−0.3 V
−100
mA
COMP
6.0 V/−0.3 V
200
mA
VFB
6.0 V/−0.3 V
−0.2
mA
COFF
6.0 V/−0.3 V
−0.2
mA
VFFB
6.0 V/−0.3 V
−0.2
mA
VID0 − VID4
6.0 V/−0.3 V
−50
mA
VGATE(H)
20 V/−0.3 V
100 mA DC/1.5 A peak
VGATE(L)
16 V/−0.3 V
100 mA DC/1.5 A peak
LGND
0 V
25 mA
PGND
0 V
100 mA DC/1.5 A peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com