Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-3GDPR3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5201-3GDPR3G
Description  1.0 A, 3.3 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-3GDPR3G Datasheet(HTML) 5 Page - ON Semiconductor

  CS5201-3GDPR3G Datasheet HTML 1Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 2Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 3Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 4Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 5Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 6Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 7Page - ON Semiconductor CS5201-3GDPR3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS5201−3
http://onsemi.com
5
Output Voltage Sensing
Since the CS5201−3 is a three terminal regulator, it is not
possible to provide true remote load sensing. Load
regulation is limited by the resistance of the conductors
connecting the regulator to the load. For best results the
regulator should be connected as shown in Figure 10.
Figure 10. Conductor Parasitic Resistance Effects
Can Be Minimized With the Above Grounding
Scheme For Fixed Output Regulators
VIN
VIN
VOUT
CS5201−3
Conductor Parasitic
Resistance
RLOAD
RC
Calculating Power Dissipation and Heatsink
Requirements
The CS5201−3 linear regulator includes thermal
shutdown and current limit circuitry to protect the device.
High power regulators such as these usually operate at high
junction temperatures so it is important to calculate the
power dissipation and junction temperatures accurately to
ensure that an adequate heatsink is used.
The case is connected to VOUT on the CS5201−3,
electrical isolation may be required for some applications.
Thermal compound should always be used with high current
regulators such as these.
The thermal characteristics of an IC depend on the
following four factors:
1. Maximum Ambient Temperature TA (°C)
2. Power dissipation PD (Watts)
3. Maximum junction temperature TJ (°C)
4. Thermal resistance junction to ambient RqJA (°C/W)
These four are related by the equation
TJ + TA ) PD
RqJA
(1)
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ
(2)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the
application
IQ is the maximum quiescent current at IOUT(max).
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RqJA, the total thermal resistance between the
junction and the surrounding air.
1. Thermal Resistance of the junction−to−case, RqJC
(°C/W)
2. Thermal Resistance of the case to heatsink, RqCS
(°C/W)
3. Thermal Resistance of the heatsink to the ambient air,
RqSA (°C/W)
These are connected by the equation:
RqJA + RqJC ) RqCS ) RqSA
(3)
The value for RqJA is calculated using equation (3) and the
result can be substituted in equation (1).
The value for RqJC is 3.5°C/W for a given package type
based on an average die size. For a high current regulator
such as the CS5201−3 the majority of the heat is generated
in the power transistor section. The value for RqSA depends
on the heatsink type, while RqCS depends on factors such as
package type, heatsink interface (is an insulator and thermal
grease used?), and the contact area between the heatsink and
the package. Once these calculations are complete, the
maximum permissible value of RqJA can be calculated and
the proper heatsink selected. For further discussion on
heatsink selection, see application note “Thermal
Management,” document number AND8036/D, available
through the Literature Distribution Center or via our website
at http://onsemi.com.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com