Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5203-3GDPR3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5203-3GDPR3
Description  3.0 A, 3.3 V Fixed Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5203-3GDPR3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5203-3GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5203-3GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5203-3GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5203-3GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5203-3GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5203-3GDPR3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS5203−3
http://onsemi.com
3
Figure 2. Block Diagram
+
−
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
VIN
VOUT
GND
TYPICAL PERFORMANCE CHARACTERISTICS
0.60
Output Current (A)
TJ (°C)
Figure 3. Dropout Voltage vs. Output
Current
Figure 4. Output Voltage Deviation vs.
Temperature
+0.3
0
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0
0.30
0.90 1.20 1.50 1.80 2.10 2.40 2.70 3.00
+0.2
+0.1
0
−0.1
−0.2
−0.3
30
60
90
120
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
Output Current (A)
Figure 5. Load Regulation vs. Output
Current
0.16
0
0.12
0.08
0.04
0.00
1.5
3
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
Frequency (Hz)
Figure 6. Ripple Rejection vs. Frequency
85
101
75
65
55
45
35
25
15
102
103
104
105
106
TCASE = 25°C
IOUT = 1.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.0 VPP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com