Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP101G
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP101G Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101G Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
IP101G
Data Sheet
12/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
3
Pin description
Type
Description
Type
Description
LI
Latched Input in power up or reset
PD
Internal Pull-Down 104KΩ
I/O
Bi-directional input and output
PU
Internal Pull-Up 222KΩ
I
Input
Hi-Z
High impedance
O
Output
P
Power
OD
Open Drain
3.1 IP101GA pin description
IP101GA
Pin no.
Label
Type
Reset
State
Description
Serial Management Interface Pins
25
MDC
I
Hi-Z Management Data Interface Clock: This pin provides a
clock reference to MDIO. The clock period can be to
300ns.
26
MDIO
I/O
(PU)
I
(PU)
Management
Data
interface
Input/Output:
The
function of this pin is to transfer management information
between PHY and MAC.
MII/RMII Pins
2
TXEN
I
(PD)
I
(PD)
Transmit Enable or Signal Detect.
43
TXER/FXSD
I
(PD)
I
(PD)
Transmit Error or FXSD:
This is a dual-function pin which is determined by the
media type selection. If RXDV/CRS_DV/FX_HEN is
latched as “0 (default)” upon reset, the TP interface is
selected and its function as TXER. If the fiber interface is
selected, this pin’s function as FXSD.
FXSD:
0: Fiber link down; 1: Fiber link up
Transmit Enable:
TXEN
TXER
Description
1
1
Transmission error
propagation.
0
1
Combine TXD[3:0] that equal
to 0001 for request PHY to
enter LPI mode.
1
0
0
0
Normal operation
This pin TXER must be either floating or connecting to
GND in RMII mode.
7
TXCLK/50M_CLKI
I/O
Hi-Z Transmit Clock output or 50M clock input:
In MII mode, this pin provides a continuous 25MHz clock
at 100Base-TX and 2.5MHz at 10Base-T.
In RMII mode, a 50Mhz clock should input to this pin for
the timing reference of the internal circuit.
3,4,5,6 TXD[3:0]
I
Hi-Z Transmit Data Input:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com