Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP015A Datasheet(PDF) 30 Page - STMicroelectronics

Part # DAP015A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DAP015A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button DAP015A Datasheet HTML 26Page - STMicroelectronics DAP015A Datasheet HTML 27Page - STMicroelectronics DAP015A Datasheet HTML 28Page - STMicroelectronics DAP015A Datasheet HTML 29Page - STMicroelectronics DAP015A Datasheet HTML 30Page - STMicroelectronics DAP015A Datasheet HTML 31Page - STMicroelectronics DAP015A Datasheet HTML 32Page - STMicroelectronics DAP015A Datasheet HTML 33Page - STMicroelectronics DAP015A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Brownout protection
DAP005
30/39
7
Brownout protection
As already seen, the DAP005 is provided with an ON/OFF control pin (AC_OK, 10)
internally connected to the inverting input of a comparator. The non-inverting input is
internally referenced to 0.52V, so that the IC is disabled if the voltage applied at the AC_OK
pin is below the internal reference. In this case, the voltage on the PWM_STOP pin is
asserted low and the consumption of the IC is reduced below 1 mA as well. For good noise
immunity, hysteresis is also provided, so that the IC is re-enabled as the voltage on the pin
exceeds 0.6V. This function, in systems where the PFC pre-regulator acts as the master
stage, can be used to implement what is commonly called “brownout protection”.
Brownout Protection is basically a not-latched device shutdown function that must be
activated when a condition of mains undervoltage is detected. This condition may cause
overheating of the primary power section due to an excess of RMS current. Brownout can
also cause the PFC pre-regulator to work open loop and this could be dangerous to the PFC
stage itself and the downstream converter, should the input voltage return abruptly to its
rated value. Another problem is the spurious restarts that may occur during converter power
down and that cause the output voltage of the converter not to decay to zero monotonically.
For these reasons it is usually preferable to shutdown the unit in case of brownout.
IC shutdown upon brownout can be easily realized as shown in Figure 46. The scheme on
the left is of general use, the one on the right can be used if the bias levels of the multiplier
and the RFF·CFF time constant are compatible with the specified brownout level and with the
specified holdup time respectively.
It is worth noticing one point: this brownout protection works correctly only in systems where
the PFC stage is the master and the cascaded DC-DC converter is the slave or, in other
words, where the PFC stage starts first and enables/disables the operation of the DC-DC
stage. One reason is that in case of brownout the whole converter must be switched off, not
operate as long as brownout lasts and restart as brownout disappears.
This kind of operation cannot be achieved if the PFC stage is slave to the DC-DC converter
(that is, the DC-DC converter starts first and determines start-up and shutdown of the PFC
stage) because the DAP005 could detect brownout only after it has started, that is after the
DC-DC converter has started. This would result in an intermittent operation, not in a
complete shutdown.
The second reason is that in case of a master DC-DC stage a turn-off signal coming from
the slave PFC may interfere during converter power-off and give origin to a not well-defined
power-off sequence or even to spurious restarts. Therefore, while the AC_OK pin can be
used to switch off the PFC stage only, if acceptable, the use of the PWM_STOP pin is not
recommended in systems with a master DC-DC stage.
This function is quite flexible and can be used for different purposes. In systems comprising
an auxiliary converter and a main converter (e.g. desktop PC’s silver box or hi-end LCD-TV),
where the auxiliary converter also powers the controllers of the main converter, the pin
AC_OK can be used to start and stop the main converter. In the simplest case, to
enable/disable the PWM controller the PWM_STOP pin can be connected to either the
output of the error amplifier (Figure 44 a) or, if the chip is provided with it, to its soft-start pin
(Figure 44 b). The use of the soft-start pin allows the designer to delay the start-up of the
DC-DC stage with respect to that of the PFC stage, which is often desired. An underlying
assumption in order for that to work properly is that the UVLO thresholds of the PWM
controller are certainly higher than those of the DAP005.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com