Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP011 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DAP011
Description  PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP011 Datasheet(HTML) 4 Page - ON Semiconductor

  DAP011 Datasheet HTML 1Page - ON Semiconductor DAP011 Datasheet HTML 2Page - ON Semiconductor DAP011 Datasheet HTML 3Page - ON Semiconductor DAP011 Datasheet HTML 4Page - ON Semiconductor DAP011 Datasheet HTML 5Page - ON Semiconductor DAP011 Datasheet HTML 6Page - ON Semiconductor DAP011 Datasheet HTML 7Page - ON Semiconductor DAP011 Datasheet HTML 8Page - ON Semiconductor DAP011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DAP011/DAP011C
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, VCC Pin, Continuous Voltage
VCC
20
V
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
−
25
V
Maximum Voltage on Low Power Pins (Except Pin 9, Pin 10, Pin 5 and Pin 14)
−
−0.3 to 10
V
Maximum Voltage on Pin 5
−
5.0
V
Thermal Resistance, Junction−to−Air
RqJA
120
°C/W
Thermal Reference Junction−to−Lead (Note 3)
Psi JL
40
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Storage Temperature Range
−
−60 to +150
°C
ESD Capability, HBM Model (All Pins Except HV)
−
2.0
kV
ESD Capability, Machine Model
−
200
V
Maximum Voltage on Pin 14 (HV)
−
−0.3 to 500
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per Mil−Std−883, Method 3015.
Machine Model Method 200 V
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. Minimum Pad FR4 Board 1 oz Copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com