Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5303 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5303
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5303 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
2 / 13
Copyright © 2019, Injoinic Corp.
Micro-B
VIN
GND
TYPE-A
VOUT
GND
VIN
VOUT
DCP
KEY
LED1
LED2
BAT
SW
1
2
3
4
8
7
6
5
9
TYPE-A
VOUT
GND
BAT+
D1 25%
D2 50%
D3 75%
D4 100%
DCP
DCP
C6 Option for EMI/NC
Figure 1 application schematic diagram (4LED indicates power)
4 Pin definition
VIN
KEY
VOUT
SW
BAT
LED2
DCP
1
2
3
4
5
6
7
8
ESOP8
power
PAD
LED1
Figure 2 IP5407 pin diagram
Pin Name
Pin Number
Pin Description
VIN
1
DC5V charge input pin
DCP
2
Connect to USBA D- D+
KEY
3
Key input, floodlight drive, NTC function reuse pin.
LED1
4
LED drive pin
LED2
5
LED drive pin
BAT
6
Boost input pin, connect the positive electrode of
lithium battery.
SW
7
DC-DC switch pin
VOUT
8
5V boost output pin
PowerPAD
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com