Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5330 Datasheet(PDF) 29 Page - Injoinic Technology Co.,Ltd.

Part # IP5330
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 Datasheet(HTML) 29 Page - Injoinic Technology Co.,Ltd.

Back Button IP5330 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
29 / 35
Copyright © 2020, Injoinic Corp.
IP5356_188_BZ/IP5356_188_CL 应用
IP5356 灯显驱动pin和数码管pin脚顺
序映射关系要严格按照下图所示
LED1
LED2
LED3
LED4
LED5
40
1
R7 100R
R11 100R
2
10
R9 100R
R8 100R
数码管
9
R10 100R
SMG1
1
2
3
4
5
IP5356
VSYS
LX LX LX LX LX
NTC
KEY
L1
2.2UH
AGND GND
EPAD
BAT
21
22
39
CP6
22uF
VSYS
VSYS
VSYS
12
13
38
CP7
22uF
CP8
22uF
CP9
22uF
C1
0.1uF
CP11
22uF
BAT
R6 10K
RNTC 10K
VSYS
CP12
22uF
CP13
22uF
BST
C2
0.1uF
VCC
C3
2.2uF
20
不使用NTC时,NTC
pin脚10K接地
U1
K1
D6
A、如果方案上同时有B口和LIGHTNING口
1、注意双口不要同时插入,可以在模具上做限制,D7/D8可省略;
2、如果存在同时插入的情况,D7/D8不可省略;
B、如果方案上只有B口或者只有LIGHTNING口:
D7/D8可省略;
D9
IN5819
C5
2.2uF
Micro-B
VIN
GND
VIN
DMB
DPB
17
VIN
16
23
24
DMB
DPB
USB5
D7
SS34
LED6
11
Lightning输入解码pin、容量FCAP pin选功
能在LED6 pin上复用。LED6做容量FCAP、
lightning解码只能二选一,出厂时设定好。
R13 22K
lightning解码
FCAP pin选容量
电池容量=R13*0.448 (mAH)
lightning
R14 NC/0R
IP5356_188_BZ
IP5356_188_CL
FCAP pin选容量 R13
22K
NC
R1
NC
510R
R2
NC
3K
R14
NC
0R
lightning解码
VIN
CL
GND
DAT1
DAT2
C6
2.2uF
CL
TYPE-A
VOUT1
GND
VOUT1
DPA1
DMA1
37
VOUT1
36
30
31
DMA1
DPA1
TYPE-A
VOUT2
GND
VOUT2
DPA2
DMA2
35
VOUT2
34
32
33
DMA2
DPA2
TYPE-C
VBUS
CC1
CC2
GND
DMC
DPC
VBUS
DMC
DPC
15
14
25
26
CC1
CC2
27
28
R1
510R
29
USB1
USB2
USB3
USB4
D8
SS34
VBUS
R2
3K
lightning
VCC
LIGHTING
8
10
5
9
6
1
2
GND
GND
IP5356_188系列的型号默认配置为4.2V电芯类型,
4.3V、4.35V、4.40V需定制。
R15 20R
C8
2.2uF
C9
2.2uF
C7
2.2uF
C11
0.1uF
C12
0.1uF
C10
0.1uF
图
21
IP5356_188 系列应用的典型应用原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com